Part Number Hot Search : 
5ADJB G690L 382008 WFP10N60 300B12 15004 14S20 KE39A
Product Description
Full Text Search
 

To Download PJ-002A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for more information, please visit the product page | for information on related products, view external power supplies ????????? ?????????????????? 04/08/2016 1 of 3 cui .com model : PJ-002A description: dc power jack features ? 2.0 mm center pin ? 2.5 a rating ? right-angle orientation ? through hole specifications parameter conditions/description min typ max units rated input voltage 24 vdc rated input current 2.5 a contact resistance 1 between terminal and mating plug between terminal in a closed circuit 50 30 m? m? insulation resistance at 500 vdc 100 m? voltage withstand at 50/60hz for 1 minute 500 vac insertion/withdrawal force 0.3 3 kg terminal strength any direction for 10 seconds 500 g operating temperature -25 85 c life 5,000 cycles fammability rating ul94v-0 rohs 2011/65/eu note: 1. when measured at a current of less than 100 ma/1 khz solderability parameter conditions/description min typ max units wave soldering dipped in solder pot for 5 0.5 seconds 255 260 265 c date page
for more information, please visit the product page | for information on related products, view external power supplies ?????????????????? cui .com cui inc model : PJ-002A description: dc power jack date 04/08/2016 page 2 of 3 0.12 3.0 0.19 0.42 10.7 4.7 3.00 .12 3.00 .12 3.0 0.12 4.70 .19 2 1 (2 plcs) 1.00x3.50 top vie w 1.00x3.00 pcb layou t 3 2 3 1 0.02 0.01 0.25 0.40 0.36 0.01 1 3 2 0.14 3.50 1.50 0.06 (3 plcs) 10.7 0.42 0.57 14.4 2.50 .10 (2 plcs) 0.26 0.26 (typ) 0.43 0.12 0.35 9.0 6.50 6.50 11.0 3.50 .14 3.00 2.000 .08 mechanical drawing material plating center pin copper nickel terminal 1 brass tin terminal 2 copper alloy tin terminal 3 brass tin plastic pbt units: mm[inches] tolerance: x.x 0.2mm x.xx 0.1mm x.xxx 0.05mm note: 1. all specifcations measured at 10~35c, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted. schematic 3 2 1 model PJ-002A center pin ?2.0 mm mating plug jack insertion depth: 9.0 mm
for more information, please visit the product page | for information on related products, view external power supplies ????????? cui inc model : PJ-002A description: dc power jack date 04/08/2016 page 3 of 3 cui offers a one (1) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to be accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use. cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safet y or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 04/17/2006 1.01 changed pin thickness layout 08/31/2006 1.02 applied new spec template 01/08/2015 1.03 increased voltage rating 04/08/2016 the revision history provided is for informational purposes only and is believed to be accurate. revision history


▲Up To Search▲   

 
Price & Availability of PJ-002A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X